PART |
Description |
Maker |
LT1815 |
Single/Dual/Quad 220MHz, 1500V/s Operational Amplifiers with Programmable Supply Current
|
Linear Technology
|
LT1815IS6TRMPBF LT1815IS5TRMPBF LT1815CS6TRM LT181 |
Single/Dual/Quad 220MHz, 1500V/µs Operational Amplifiers with Programmable Supply Current; Package: SOT; No of Pins: 6; Temperature Range: -40°C to 85°C OP-AMP, 3000 uV OFFSET-MAX, 220 MHz BAND WIDTH, PDSO6 Single/Dual/Quad 220MHz, 1500V/µs Operational Amplifiers with Programmable Supply Current; Package: SOT; No of Pins: 5; Temperature Range: -40°C to 85°C OP-AMP, 3000 uV OFFSET-MAX, 220 MHz BAND WIDTH, PDSO5 Single/Dual/Quad 220MHz, 1500V/µs Operational Amplifiers with Programmable Supply Current; Package: SOT; No of Pins: 6; Temperature Range: 0°C to 70°C OP-AMP, 2000 uV OFFSET-MAX, 220 MHz BAND WIDTH, PDSO6 Single/Dual/Quad 220MHz, 1500V/µs Operational Amplifiers with Programmable Supply Current; Package: SOT; No of Pins: 5; Temperature Range: 0°C to 70°C OP-AMP, 2000 uV OFFSET-MAX, 220 MHz BAND WIDTH, PDSO5 Single/Dual/Quad 220MHz, 1500V/µs Operational Amplifiers with Programmable Supply Current; Package: SO; No of Pins: 14; Temperature Range: 0°C to 70°C QUAD OP-AMP, 2000 uV OFFSET-MAX, 220 MHz BAND WIDTH, PDSO14 Single/Dual/Quad 220MHz, 1500V/µs Operational Amplifiers with Programmable Supply Current; Package: DFN; No of Pins: 8; Temperature Range: 0°C to 70°C Single/Dual/Quad 220MHz, 1500V/µs Operational Amplifiers with Programmable Supply Current; Package: MSOP; No of Pins: 10; Temperature Range: -40°C to 85°C
|
Linear Technology, Corp. LINEAR TECHNOLOGY CORP
|
PG1323 PG1327 PG1321 PG1325 |
Single/Dual/Quad 220MHz, 1500V/µs Operational Amplifiers with Programmable Supply Current; Package: SO; No of Pins: 8; Temperature Range: 0° Single/Dual/Quad 220MHz, 1500V/µs Operational Amplifiers with Programmable Supply Current; Package: MSOP; No of Pins: 10; Temperature Range TRANSISTOR | BJT | NPN | 100V V(BR)CEO | 5A I(C) | TO-5 晶体管|晶体管|叩| 100V的五(巴西)总裁| 5A条一(c)| TRANSISTOR | BJT | NPN | 50V V(BR)CEO | 5A I(C) | TO-5 晶体管|晶体管|叩| 50V五(巴西)总裁| 5A条一(c)|
|
ITT, Corp. Motorola Mobility Holdings, Inc.
|
HA7-2640-2 HA7-2645-5 HA2-2640-2 HA2-2645-5 HA-264 |
4MHz, High Supply Voltage Operational Amplifiers OP-AMP, 7000 uV OFFSET-MAX, 4 MHz BAND WIDTH, MBCY8 4MHz, High Supply Voltage Operational Amplifiers OP-AMP, 6000 uV OFFSET-MAX, 4 MHz BAND WIDTH, CDIP8 4MHz/ High Supply Voltage Operational Amplifiers From old datasheet system
|
Intersil, Corp. INTERSIL[Intersil Corporation]
|
BR25H020-W BR25H020-WE2 BR25H010F-WE2 BR25H010FJ-W |
HIGH GRADE Specification HIGH RELIABILITY series SPI BUS Serial EEPROMs Supply voltage 2.5V~5.5V Operating temperature -40∑C ~ 125∑C type HIGH GRADE Specification HIGH RELIABILITY series SPI BUS Serial EEPROMs Supply voltage 2.5V~5.5V Operating temperature -40°C ~ 125°C type HIGH GRADE Specification HIGH RELIABILITY series SPI BUS Serial EEPROMs Supply voltage 2.5V~5.5V Operating temperature -40掳C ~ 125掳C type HIGH GRADE Specification HIGH RELIABILITY series SPI BUS Serial EEPROMs Supply voltage 2.5V~5.5V Operating temperature -40隆?C ~ 125隆?C type
|
Rohm
|
1N5613 1N5610 1N5611 1N5612 |
UNI-DIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR
|
EIC discrete Semiconductors
|
AM91L50-20LC AM91L50-20LCB AM91L50-25DC AM91L50-25 |
1024 x 4 High-Speed Static R/W RAM Standard Thick Film Chip Resistor: 10 ohms through 1 megohm, 1 %, 100 ppm, .100 W External Plug-In Power Supply; Series:FW18; Output Voltage:18V; Output Power Max:18W; Output Current:1A; No. of Outputs:1; Input Current:1.00A; Leaded Process Compatible:Yes; Size:85x 33 x 50 mm; Supply Voltage Max:240VAC RoHS Compliant: Yes External Plug-In Power Supply; Series:FW18; Output Voltage:12V; Output Power Max:18W; Output Current:1.5A; No. of Outputs:1; Input Current:1.50A; Leaded Process Compatible:Yes; Size:85x 33 x 50 mm; Supply Voltage Max:240VAC RoHS Compliant: Yes External Plug-In Power Supply; Series:FW18; Output Voltage:18V; Output Power Max:18W; Output Current:1A; No. of Outputs:1; Input Current:1.00A; Size:85x 33 x 50 mm; Supply Voltage Max:240VAC; Supply Voltage Min:100VAC RoHS Compliant: Yes External Plug-In Power Supply; Series:FW18; Output Voltage:24V; Output Power Max:18W; Output Current:0.75A; No. of Outputs:1; Input Current:0.75A; Size:85x 33 x 50 mm; Supply Voltage Max:240VAC; Supply Voltage Min:100VAC RoHS Compliant: Yes 1024x4 High-Speed Static R/W RAM 1K X 4 STANDARD SRAM, 45 ns, CDIP24 1024x4 High-Speed Static R/W RAM 1K X 4 STANDARD SRAM, 45 ns, CQCC28 1024x4 High-Speed Static R/W RAM 1K X 4 STANDARD SRAM, 35 ns, CDIP24 1024x4 High-Speed Static R/W RAM 1K X 4 STANDARD SRAM, 35 ns, CQCC28 1024x4 High-Speed Static R/W RAM 1024x4高速静电读/写内 1024x4 High-Speed Static R/W RAM 1K X 4 STANDARD SRAM, 25 ns, CDIP24
|
AMD[Advanced Micro Devices] Advanced Micro Devices, Inc. ADVANCED MICRO DEVICES INC
|
ESDA6V8V5 ESDA6V8V5-5/TR |
4-Lines, Uni-directional, Transient Voltage Suppressor
|
Will Semiconductor Ltd.
|
P6SMA480A P6SMA510A P6SMA540A P6SMA600A |
SURFACE MOUNT UNI-DIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR
|
EIC discrete Semiconductors
|
M29F040 M295V040-120N6R M295V040-120XK6R M295V040- |
Excalibur Low-Noise High-Speed JFET-Input Dual Operational Amplifier 8-SOIC JFET-Input Low Power High Drive Quad Operational Amplifier 14-CFP -55 to 125 JFET-Input Low Power High Drive Quad Operational Amplifier 14-SOIC 4兆位512KB的8,统一座单电源闪存 JFET-Input High Speed Low Noise Single Operational Amplifier 8-CDIP -55 to 125 4兆位512KB的8,统一座单电源闪存 Switch Mode Power Supply; Series:ZWS; Output Voltage:48VDC; Output Power Max:302.4W; Output Current:6.3A; Number of Outputs:1; Approval Bodies:UL, CSA, CE; Input Current Max:4A; Input Current Min:2A; Supply Voltage Max:265VAC 4兆位512KB的8,统一座单电源闪存 Switch Mode Power Supply; Series:ZWS; Output Voltage:36VDC; Output Power Max:302.4W; Output Current:8.4A; Number of Outputs:1; Leaded Process Compatible:No; Approval Bodies:UL, CSA, CE; Input Current Max:4A; Input Current Min:2A 4兆位512KB的8,统一座单电源闪存 Excalibur Low-Noise High-Speed JFET-Input Operational Amplifier 8-SOIC 4兆位512KB的8,统一座单电源闪存 Switch Mode Power Supply; Series:ZWS; Output Voltage:12VDC; Output Power Max:15W; Output Current:1.25A; Number of Outputs:1; Supply Voltage Max:265VAC; Supply Voltage Min:85VAC 4兆位512KB的8,统一座单电源闪存 JFET-Input Low Power High Drive Quad Operational Amplifier 14-CDIP -55 to 125 4兆位512KB的8,统一座单电源闪存 4 Mbit 512Kb x8, Uniform Block Single Supply Flash Memory 4兆位512KB的8,统一座单电源闪存 Switch Mode Power Supply; Series:ZWS; Output Voltage:24VDC; Output Power Max:300W; Output Current:12.5A; Number of Outputs:1; Approval Bodies:UL, CSA, CE; Input Current Max:4A; Input Current Min:2A; Supply Voltage Max:265VAC Switch Mode Power Supply; Series:ZWS; Output Voltage:48VDC; Output Power Max:206.4W; Output Current:4.3A; Number of Outputs:1; Approval Bodies:UL, CSA, CE; Input Current Max:2.8A; Input Current Min:1.4A; Supply Voltage Max:265VAC PSU, OPEN FRAME, 150W, 12V; Voltage, output:12V; Current, output:12.5A; Power rating:150W; Voltage, supply min:85V; Voltage, supply max:265V; Length / Height, external:40mm; Width, external:75mm; Depth, external:222mm; Frequency, RoHS Compliant: Yes Switch Mode Power Supply; Series:ZWS; Output Voltage:24VDC; Output Power Max:201.6W; Output Current:8.4A; Number of Outputs:1; Approval Bodies:UL, CSA, CE; Input Current Max:2.8A; Input Current Min:1.4A; Supply Voltage Max:265VAC POWER SUPPLY, 150 WATTS Switch Mode Power Supply; Series:ZWS; Output Voltage:36VDC; Output Power Max:201.6W; Output Current:5.6A; Number of Outputs:1; Approval Bodies:UL, CSA, CE; Input Current Max:2.8A; Input Current Min:1.4A; Supply Voltage Max:265VAC JFET-Input Low Power High Drive Quad Operational Amplifier 20-LCCC -55 to 125 4 Mbit 512Kb x8 / Uniform Block Single Supply Flash Memory
|
STMicroelectronics N.V. 意法半导 ST Microelectronics
|
TA0369A |
SAW Filter 220MHz SMD 5.0×5.0 mm
|
TAI-SAW TECHNOLOGY CO., LTD.
|
|